Part Number Hot Search : 
UR202 RDAT212 OMXXX D71054GB ADSP2195 SGP12A MJE180 40ST8
Product Description
Full Text Search
 

To Download KVM-0117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  17 rackmount console KVM-0117 h/w version: 1 an ideal solution for complete kvm management levelone announces the release of kvm-0115 and KVM-0117 kvm rackmount console that incorporates a display with keyboard and trackball to manage the remote servers. multiple input interfaces the levelone kvm-0115 and KVM-0117 provides the most economical and convenient server management-solutions available in today s competitive network management markets. equipped with an integrated ps/2 and usb interface to control workstations through its integrated keyboard, touchpad and tft display the kvm management switches provide full management access to server farms and other systems connected. bright active matrix tft display the kvm-0115 and KVM-0117 kvm rackmount console are available with either a 15 inch or 17 inch bright active matrix tft display. with high resolutions display of up to 1024x768 on the 15 inch kvm-0115 and 1280x1024 on the 17 inch KVM-0117 lcd drawers, system and server status can easily be monitored and managed from the tft display. quick and easy installation the levelone kvm-0115 and KVM-0117 also feature a unique 1u rack-mountable dual-rail design for easy installation and quick access in server control rooms or in a remotely controlled location. key features - bright active matrix tft display - osd function for lcd display - panel prospected by tempered glass - 15 pins high density connector - 15 language keyboard and easy glide touchpad - durable keyboards (touchpad or trackball) - support ps/2 and usb console interface - support dvi interface kvm-1611 16-port ps/2 kvm switch works well with 1. dvi pc port 2. vga pc port 3. usb pc port 4. ps/2 pc port 5. power kvm-0831 8-port combo kvm switch w/ expansion slot 1 2 3 4 5 
www.level1.com i one world_one brand_one level_ kvm switches/consoles/extenders display size 17" number of port 1 panel type active matrix tft lcd pc interface ps/2 x 2, usb x1, dvi x1 resolution 1280x1024 (sxga) pixel pitch 0.297mm x0.297mm viewing angle (cr 10) right-left view 60~70 (typ) up-down view 45~60) contrast ratio 400:1 brightness white 250cd/m2 (center 1 point typ) back light four lamps for back light colors supported 16.2m colors (6-bit with frc) response time rising time 2ms, decay time 14ms operating system dos, windows (3.1,9x, 2000, nt4, me, xp, 2003 server) linux, novell 3.12-6, hp ux,sun multi platform ps/2, sun and usb system cables vga, ps/2, dvi, usb keyboard mouse 106 key ps/2 keyboard with touch pad sync 45-80khz power source 100-240 vac input dimension (mm) 447.5 x 482 x44mm weight 11.8kg/ 26.0lb power consumption 25w, 19.05w for panel operation temp. 0~50 c storage temp. -20 ~ 60c humidity 10%~90%rh technical specifcation product diagram order information KVM-0117: 17 rackmount console package contents KVM-0117 x1, rail with front and rear bracket x 1, long brackets. (needed for rack depth 828~1000mm) x 2, 1.8m cable (ps/2 mouse, ps/2 keyboard, db15 vga) x 1, usb x 1, dvi cable x1, power cord x 1, cd with user manual x 1, qig x 1, keys x 2, screws all mentioned brand names are registered trademarks and property of their owners. t echnical specifcations are subject to change without notice. ? copyright 2008 digital data communications gmbh. all rights reserved. KVM-0117 16 pcs ps2/usb kvm-0811 usb cable KVM-0117_spec_v1.0 


▲Up To Search▲   

 
Price & Availability of KVM-0117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X